Part Number Hot Search : 
KYZ25K05 JANTXV 20P1410 09012 L2012 XFVOIP PR3002 DT54FC
Product Description
Full Text Search
 

To Download NDL5521PD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 m InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
FEATURES
* SMALL DARK CURRENT: ID = 5 nA * HIGH QUANTUM EFFICIENCY: = 90% at = 1300 nm, M = 1 = 77% at = 1550 nm, M = 1 * HIGH SPEED RESPONSE: fc = 2.5 GHz at M = 10 * DETECTING AREA SIZE: 50 m * COAXIAL MODULE WITH MULTIMODE FIBER (GI-50/125) * NDL5521P1 AND NDL5521P2 HAVE A FLANGE
NDL5521P SERIES
DESCRIPTION
The NDL5521P Series are InGaAs avalanche photo diode modules with multimode fiber.They are designed for 2.5 Gb/s optical fiber communication systems and cover the wavelength range between 1000 and 1600 nm with high efficiency. These modules are also available with FC-PC connector and SC-PC connector.
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C)
PART NUMBER PACKAGE OUTLINE SYMBOLS V(BR)R ID IDM Ct fC PARAMETERS AND CONDITIONS Reverse Breakdown Voltage, ID = 100 A Temperature Coefficient of Reverse Breakdown Voltage1 Dark Current, VR = V(BR)R x 0.9 Multiplied Dark Current, M = 2 to 10 Terminal Capacitance, VR = V(BR)R x 0.9, f = 1 MHz Cut-off Frequency, M=5 M = 10 M = 30 UNITS V %/C nA nA pF GHz 2.5 2.5 1.0 76 65 0.80 0.81 30 MIN 40 NDL5521P Series TYP 55 0.20 5 0.50 0.40 3.0 90 77 0.94 0.96 40 0.7 5 dB 30 30 5 0.75 MAX 80
S M X F ORL Note: 1. =
Quantum Efficiency, = 1300 nm, M = 1 = 1550 nm, M = 1 Responsivity, = 1300 nm, M = 1 = 1550 nm, M = 1 Multiplication Factor, = 1550 nm, IPO = 1.0 A, VR = V (at ID = 1 A) Excess Noise Factor, = 1300 nm, 1550 nm, IPO = 1.0 A, M = 10, f = 35 MHz, B = 1 MHz Optical Return Loss V(BR)R < 25C + TC > - V(BR)R < 25C> TC * V(BR)R < 25C>
% A/W M
California Eastern Laboratories
NDL5521P SERIES ABSOLUTE MAXIMUM RATINGS1
(TC = 25C, unless otherwise specified) SYMBOLS IF IR TC TSTG PARAMETERS Forward Current Reverse Current Operating Case Temp. Storage Temperature UNITS mA mA C C RATINGS 10 0.5 -40 to +85 -40 to +85
Note: 1. Operation in excess of any one of these parameters may result in permanent damage.
OUTLINE DIMENSIONS (Units in mm)
NDL5521P NDL5521P1
Optical Fiber GI-50/125 Length: 1 m MIN. Shrunk Tube
Optical Fiber GI-50/125 Length: 1 m MIN. Shrunk Tube
2.5 30.0 MAX
2.5 14.0 6.0 - 0.1
+0.0
30.0 MAX
6.90.3 6.0- 0.1 12.5 MIN 0.45
3 1
+0.0
6.9-0.3
4.0-0.1 3.9-0.5 2-2.2 12.5 MIN
6.0 - 0.1
+0.0
2
3.00.3 2.0
7.0
2
3 1
4.0 1.5 2.0 18.0 3 1
NDL5521P2
Optical Fiber GI-50/125 Length: 1 m MIN. Shrunk Tube
LEAD CONNECTION 1. Anode (Negative) 2. Cathode (Positive) 3. Case
2
2.5 30.0 MAX
ORDERING INFORMATION
PART NUMBER NDL5521P NDL5521PC NDL5521PD NDL5521P1 NDL5521P1C NDL5521P1D NDL5521P2 NDL5521P2C NDL5521P2D AVAILABLE CONNECTOR Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector Without Connector With FC-PC Connector With SC-PC Connector DESCRIPTION No Flange
6.0- 0.1
+0.0
2.0-0.1 0.5
12.5 MIN
Flat Mount Flange Vertical Flange
2-2.5
2 3 1
7.0
2.0 12.0 16.0
NDL5521P SERIES HANDLING PRECAUTION FOR PD/APD MODULE
The NEC PD/APD module has heat shrink tubing to protect the ferrule edge (*1) and the junction between the ferrule and the module body (*2). In order to avoid breaking the fiber and/or optical coupling degradation, NEC recommends the following handling precautions: 1. Do not make the fiber bend radius less than 30 mm (*3). 2. Do not bend the fiber within the 18 mm section from the module body (*4). 3. Do not stress the ferrule with a lateral force exceeding 500 g (*5).
fiber
30 mm MIN (*3)
(*1) 18 mm MIN (*4) ferrule (*5) (*2)
module body
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES Headquarters 4590 Patrick Henry Drive Santa Clara, CA 95054-1817 (408) 988-3500 Telex 34-6393 FAX (408) 988-027 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) Internet: http://WWW.CEL.COM 11/14/2000 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of NDL5521PD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X